PART |
Description |
Maker |
FDH27N50 |
27A/ 500V/ 0.19 Ohm/ N-Channel SMPS Power MOSFET Discrete Commercial N-Channel SMPS Power MOSFET, 500V, 27A, 0.19 Ohms @ VGS = 10V, TO-247 Package 27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF840 IRF440 IRF843 IRF841 MTM7N50 IRF440-443 IRF |
N-Channel Power MOSFETs, 8A, 450 V/500V N沟道功率MOSFETA条,450 V/500V N-Channel Power MOSFETs/ 8A/ 450 V/500V N-Channel Power MOSFETs 8A 450 V/500V 500V N-Channel MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
IRFB11N50 IRFB11N50APBF |
Power MOSFET(Vdss=500V/ Rds(on)max=0.52ohm/ Id=11A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
FDPF13N50FT FDP13N50F |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel MOSFET 500V, 12A, 0.54ヘ N-Channel MOSFET 500V, 12A, 0.54Ω
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
STD5NM50 STD5NM50-1 |
N-CHANNEL 500V - 0.7 OHM - 7.5A DPAK/IPAK MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmeshPower MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFY11N50CMA |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 10A I(D) | TO-257AA 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 10A条(丁)|57AA HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 500V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFPS43N50K IRFPS43N50 |
500V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A) Power MOSFET(Vdss=500V Rds(on)typ.=0.078ohm Id=47A)
|
IRF[International Rectifier]
|
STB25NM50N-1 STF25NM50N STW25NM50N STP25NM50N STB2 |
N-channel 500V - 0.11Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 500V - 0.11Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 500V - 0.11楼? - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 500V - 0.11ヘ - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|